Part Number Hot Search : 
MBT2222A EKA8564A SA5777A TW0161A WL30NC 25V10 BAS21 24S12
Product Description
Full Text Search
 

To Download CY22800-039A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  universal programmable clock generator (upcg) cy22800 cypress semiconductor corporation ? 198 champion court ? san jose , ca 95134-1709 ? 408-943-2600 document #: 001-07704 rev. *a revised may 11, 2007 features ? spread spectrum, vcxo, and frequency select ? input frequency range: ? crystal: 8?30 mhz ? clkin: 0.5?100 mhz ? output frequency: ? commercial: 1?200 mhz ? industrial: 1?166 mhz ? integrated phase-locked loop ? low jitter, high accuracy outputs ? 3.3v operation ? 8-pin soic package benefits ? inventory of only one device, cy22800, is needed in various applications such as hdtv, stb, dvdr, etc. ? multiple predefined configurat ions that can be programmed into a single chip ? eliminates the need for expensive and difficult to use higher-order crystal ? high-performance pll tailored for multiple applications ? meets critical timing requ irements in complex system designs ? enables application compatibility ? allows up to three different frequency selects logic block diagram 8-pin soic 1 2 3 4 xout clkb/fs1 vss clkc/fs2/vss clka/fs0 5 6 7 8 vdd xin/clkin fs0/vcxo cy22800 pin configuration xout pll osc q p vco vdd vss clkc fs1 fs0 output divider clkb (with modulation control) xin/clkin clka fs2 vcxo pin description name pin number description xin 1 reference input; crystal or external clock vdd 2 3.3v voltage supply fs0/vcxo 3 frequency select 0/vcxo analog control voltage [1] vss 4 ground clkb/fs1 5 clock output b/frequency select 1 [1] clka/fs0 6 clock output a/frequency select 0 [1] clkc/fs2/vss 7 clock output c/frequency select 2/vss [1] xout 8 reference output (no connect when the reference is a clock) note 1. pin definition changes for different configurations. refer to the specific one-page data sheet for more details. [+] feedback [+] feedback
cy22800 document #: 001-07704 rev. *a page 2 of 10 general description the cy22800 is a multi-function clock generator that supports various applications in consumer and communications markets. the device uses the cypress proprietary pll along with spread spectrum and vcxo technology to make it one of the most versatile clock synthes izers in the marketplace. the cy22800 is a field-programmable synthesizer that can be programmed using an easy-to-use programmer dongle, cy36800, with one of many pre defined configuration files for fast sample generation of prot otype builds. the cy22800 is a reprogrammable device that can be programmed up to 100 times. the latest configurations available for this device are summarized in table 1 . spread spectrum clock generation (sscg) the cy22800 can generate spread spectrum clocks (sscg) to reduce emi found in today?s high-speed digital electronic systems. the device uses proprietary spread spectrum clock (ssc) technology to synthesize and modulate the frequency of the input clock. by modulating the frequency of the clock, the measured emi at the fundamental and harmonic frequencies is greatly reduced. this reduction in radiated energy can significantly reduce the cost of complying with regulatory agency (emc) requirements and improve time to market without degrading syst em performance. the cy22800 uses a preprogrammed configuration of memory arrays to synthesize output frequency and offers eight different spread percentages (refer to table 1 ? code numbers -015 to -022), and an additional option to turn the spread on and off. for the above-mentioned conf igurations, the modulation frequency varies with the reference frequency as follows: vcxo one of the key components of the cy22800 device is the vcxo. the vcxo is used to ?pull? the reference crystal higher or lower in order to lock the system frequency to an external source. this is ideal for applications where the output frequency needs to track along with an external reference frequency that is constantly shifting. a special pullable crystal must be used in order to have adequate vcxo pull range. pullable crystal specifications are included in this data sheet. vcxo profile figure 1 shows an example of what a vcxo profile looks like. the analog voltage input is on the x-axis and the ppm range is on the y-axis. an increase in the vcxo input voltage results in a corresponding increase in the output frequency. this has the effect of moving the ppm fr om a negative to positive offset. figure 1. vcxo profile 1000 mod ref f f = -200 -150 -100 -50 0 50 100 150 200 00.511.522.533.5 vcxo input [v] tuning [ppm] table 1. cy22800 configurations code # code name input freq. (mhz) output freq. (mhz) ss vcxo commercial temperature range cy22800-001a x2 multiplier clkin: 0.5?100 xtal: 8?30 clka: 1?200 or refout n n cy22800-002a x3 multiplier clkin: 0.5?66.66 xtal: 8?30 clka: 1.5?200 or refout n n cy22800-003a x4 multiplier clkin: 0.5?50 xtal: 8?30 clka: 2?200 or refout n n cy22800-004a x5 multiplier clkin: 0.5?40 xtal: 8?30 clka: 2.5?200 or refout n n cy22800-005a x6 multiplier clkin: 0.5?33.33 xtal: 8?30 clka: 3?200 clkb: refout nn cy22800-006a x8 multiplier clkin: 0.5?25 xtal: 8?25 clka: 4?200 clkb: refout nn cy22800-007a clock multiplier for consumer & communication applications 14.318 [2] clka: 33.33, 66.66, 50, 75, 80, 100, 133.33 see d/s nn cy22800-008a clock multiplier for consumer & communication applications 14.318 [2] clka: 12, 24, 48, 60, 62.5, 106.25, 125 see d/s nn note 2. fixed clkin/xtal frequency. refer to the one page data sheet corresponding to the code # for detailed input and output ranges . [+] feedback [+] feedback
cy22800 document #: 001-07704 rev. *a page 3 of 10 cy22800-009a clock multiplier for consumer & communication applications 20 [2] clka: 33.33, 66.66, 50, 75, 80, 100, 133.33 see d/s nn cy22800-010a clock multiplier for consumer & communication applications 20 [2] clka: 12, 24, 48, 60, 62.5, 106.25, 125 see d/s nn cy22800-011a clock multiplier for consumer & communication applications 25 [2] clka: 33.33, 66.66, 50, 75, 80, 100, 133.33 see d/s nn cy22800-012a clock multiplier for consumer & communication applications 25 [2] clka: 12, 24, 48, 60, 62.5, 106.25, 125 see d/s nn cy22800-013a clock multiplier for consumer & communication applications 27 [2] clka: 33.33, 66.66, 50, 75, 80, 100, 133.33 see d/s nn cy22800-014a clock multiplier for consumer & communication applications 27 [2] clka: 12, 24, 48, 60, 62.5, 106.25, 125 see d/s nn cy22800-015a spread spectrum for consumer and communication applications clkin: 25.0?100.0 xtal: 25.0?30.0 clka: ref (spread 0.25% or off) clkb: ref or ref/2 (spread 0.25% or off) yn cy22800-016a spread spectrum for consumer and communication applications clkin: 25.0?100.0 xtal: 25.0?30.1 clka: ref (spread 0.5% or off) clkb: ref or ref/2 (spread 0.5% or off) yn cy22800-017a spread spectrum for consumer and communication applications clkin: 25.0?100.0 xtal: 25.0?30.0 clka: ref (spread 0.75% or off) clkb: ref or ref/2 (spread 0.75% or off) yn cy22800-018a spread spectrum for consumer and communication applications clkin: 25.0?100.0 xtal: 25.0?30.3 clka: ref (spread 1.0% or off) clkb: ref or ref/2 (spread 1.0% or off) yn cy22800-019a spread spectrum for consumer and communication applications clkin: 25.0?100.0 xtal: 25.0?30.0 clka: ref (spread 1.25% or off) clkb: ref or ref/2 (spread 1.25% or off) yn cy22800-020a spread spectrum for consumer and communication applications clkin: 25.0?100.0 xtal: 25.0?30.0 clka: ref (spread 1.5% or off) clkb: ref or ref/2 (spread 1.5% or off) yn cy22800-021a spread spectrum for consumer and communication applications clkin: 25.0?100.0 xtal: 25.0?30.1 clka: ref (spread 1.75% or off) clkb: ref or ref/2 (spread 1.75% or off) yn cy22800-022a spread spectrum for consumer and communication applications clkin: 25.0?100.0 xtal: 25.0?30.0 clka: ref (spread 2.0% or off) clkb: ref or ref/2 (spread 2.0% or off) yn cy22800-023a mpeg-2 clock generator for dtv and stb w/ vcxo xtal: 13.5 clka: 27 clkb: 54 clkc: 27 ny cy22800-024a mpeg-2 clock generator for dtv and stb w/ vcxo xtal: 13.5 clka:13.5 clkb: 54 clkc: 27 ny cy22800-025a mpeg-2 clock generator for dtv and stb w/ vcxo xtal: 13.5/27.0 (selectable) clkb: 27, 27 n y cy22800-026a mpeg-2 clock generator for dtv and stb w/ vcxo xtal: 13.5/27.0 (selectable) clkb: 27, 27 clkc: 27, 27 ny cy22800-027a mpeg-2 clock generator for dtv and stb w/ vcxo xtal: 27 clkb: 27, 27 clkc: 27, 27.027 (?1 ppm) ny cy22800-028a mpeg-2 clock generator for dtv and stb w/ vcxo xtal: 27 clkb: 27, 27 clkc: 27, 27.027 (0 ppm) ny cy22800-029a hdtv, stb clock generator (usb/ethernet/i link clock) xtal/clkin: 27 clka: 24.576, 25, 20, 48 clkb: 27 nn cy22800-030a hdtv, stb clock generator (ethernet/pci/micr oprocessor clock) xtal/clkin: 27 clka: 25, 20 clkb: 27 clkc 33.33, 66.66 nn cy22800-031a hdtv, stb clock generator (pci/microprocessor clock) xtal/clkin: 48 clka: 33.33, 66.66, 100, 133.33 clkb: 48 nn cy22800-032a hdtv, stb clock generator (pixel clocks) xtal/clkin: 27 clka: 74.25, 74.175824, 148.5, 148.351648 clkb: 27 nn cy22800-033a audio clock generator for hdtv & stb (256fs) xtal/clkin: 27 clka: (32k, 44.1k, 48k) x 256 clkb: 27 nn cy22800-034a audio clock generator for hdtv & stb (384fs) xtal/clkin: 27 clka: (32k, 44.1k, 48k) x 384 clkb: 27 nn cy22800-035a audio clock generator for hdtv & stb (512fs) xtal/clkin: 27 clka: (32k, 44.1k, 48k) x 512 clkb: 27 nn cy22800-036a audio clock generator for hdtv & stb (768fs) xtal/clkin: 27 clka: (32k, 44.1k, 48k) x 768 clkb: 27 nn cy22800-037a spread spectrum clock generator for pci and asic xtal/clkin: 14.31818 clka: 33.33, 66.66, 100, 133.33 (?0.5% or off) yn cy22800-038a spread spectrum clock generator for pci and asic xtal/clkin: 14.31818 clka: 33.33, 66.66, 100, 133.33 (?1.0% or off) yn table 1. cy22800 configurations (continued) code # code name input freq. (mhz) output freq. (mhz) ss vcxo [+] feedback [+] feedback
cy22800 document #: 001-07704 rev. *a page 4 of 10 CY22800-039A spread spectrum clock generator for pci and asic xtal/clkin: 14.31818 clka: 33.33, 66.66, 100, 133.33 (0.25% or off) yn cy22800-040a spread spectrum clock generator for pci and asic xtal/clkin: 14.31818 clka: 33.33, 66.66, 100, 133.33 (0.5% or off) yn cy22800-041a spread spectrum clock generator for audio / video applications xtal/clkin: 27 clka: 33, 66 (spread ?0.5% or off) clkb: 27 yn cy22800-042a spread spectrum clock generator for audio / video applications xtal/clkin: 27 clka: 33, 66 (spread ?1.0% or off) clkb: 27 yn cy22800-043a spread spectrum clock generator for audio / video appl ications xtal/clkin: 27 clka: 33, 66 (spread 0.25% or off) clkb: 27 yn cy22800-044a spread spectrum clock generator for audio / video applications xtal/clkin: 27 clka: 33, 66 (spread 0.5% or off) clkb: 27 yn cy22800-045a spread spectrum clock generator with multiplier option clkin: 35?100 clka: 1x, 2x, 4x or /2 (spread ?0.5%) clkb: refout yn cy22800-046a spread spectrum clock generator with multiplier option clkin: 35?100 clka: 1x, 2x, 4x or /2 (spread ?1.0%) clkb: refout yn cy22800-047a spread spectrum clock generator with multiplier option clkin: 35?100 clka: 1x, 2x, 4x or /2 (spread ?1.5%) clkb: refout yn cy22800-048a spread spectrum clock generator with multiplier option clkin: 35?100 clka: 1x, 2x, 4x or /2 (spread ?2.0%) clkb: refout yn cy22800-049a spread spectrum clock generator with multiplier option clkin: 35?100 clka: 1x, 2x, 4x or /2 (spread ?2.5%) clkb: refout yn cy22800-050a spread spectrum clock generator for pci and asic xtal/clkin: 14.31818 clka: 33.33, 66.66, 100, 133.33 (?1.5% or off) yn cy22800-051a x10 multiplier clkin: 0.5?20 xtal: 8?20 clka: 5?200 clkb: refout nn cy22800-052a x12 multiplier clkin: 0.5?16.66 xtal: 8?16.66 clka: 6?200.0 clkb: refout nn cy22800-053a x15 multiplier clkin: 0.5?13.33 xtal: 8?13.33 clka: 7.5?200 clkb: refout nn cy22800-054a x20 multiplier clkin: 0.5?10 xtal: 8?10 clka: 10?200 clkb: refout nn cy22800-055a x25 multiplier clkin: 0.5?8 xtal: 8 clka: 12.5?200 clkb: refout nn cy22800-056a 2/3 multiplier clkin: 2.5?133 xtal: 8?30 clka: 1.67?88.67 clkb: refout nn cy22800-057a 4/3 multiplier clkin: 2?100 xtal: 8?30 clka: 2.66?133.33 clkb: refout nn cy22800-058a 3/4 multiplier clkin: 3.5?133 xtal: 8?30 clka: 2.625?99.75 clkb: refout nn cy22800-059a 3/2 multiplier clkin: 1.5?133 xtal: 8?30 clka: 2.25?199.5 clkb: refout nn cy22800-060a 2/5 multiplier clkin: 5?133 xtal: 8?30 clka: 2?53.2 clkb: refout nn cy22800-061a 3/5 multiplier clkin: 3.5?133 xtal: 8?30 clka: 2.1?80 clkb: refout nn cy22800-062a 5/6 multiplier clkin: 3?80 xtal: 8?30 clka: 2.5? 66.67 clkb: refout nn cy22800-063a 6/5 multiplier clkin: 2?66.67 xtal: 8?30 clka: 2.4?80 clkb: refout nn cy22800-064a 5/8 multiplier clkin: 2.5?80 xtal: 8?30 clka: 1.56?50 clkb: refout nn cy22800-065a 8/5 multiplier clkin: 2?50 xtal: 8?30 clka: 3.2?80 clkb: refout nn cy22800-066a spread spectrum clock generator for audio / video applications xtal/clkin: 27 clka: 33, 66 (spread ?1.5% or off) clkb: 27 yn cy22800-067a 5/4 multiplier clkin: 5?133 xtal: 8?30 clka: 6?166 clkb: refout nn cy22800-068a 4/5 multiplier clkin: 5?33 xtal: 8?30 clka: 4?106 clkb: refout nn cy22800-069a 66/64 multiplier clkin: 5?133 xtal: 8?30 clka: 5?137 clkb: refout nn table 1. cy22800 configurations (continued) code # code name input freq. (mhz) output freq. (mhz) ss vcxo [+] feedback [+] feedback
cy22800 document #: 001-07704 rev. *a page 5 of 10 cy22800-070a 64/66 multiplier clkin: 5?133 xtal: 8?30 clka: 5?129 clkb: refout nn cy22800-071a 255/238 multiplier clkin: 5?133 xtal: 8?30 clka: 5?142 clkb: refout nn cy22800-072a 238/255 multiplier clkin: 5?133 xtal: 8?30 clka: 5?124 clkb: refout nn cy22800-073a 3-output fanout buffer clkin: 1?133 xtal: 8?30 clka = clkb = clkc: refout n n cy22800-074a x2 multiplier with fanout and refout clkin: 9?100 xtal: 9?30 clka = clkc: 18?200 clkb: refout nn cy22800-075a x3 multiplier with fanout and refout clkin: 6?66 xtal: 8?30 clka = clkc: 18?200 clkb: refout nn cy22800-076a x4 multiplier with fanout and refout clkin: 5?50 xtal: 8?30 clka = clkc: 20?200 clkb: refout nn cy22800-077a /2 clock divider clkin: 0.5?133 xtal: 8?30 clka: 0.25?66.5 clkb = clkc: 0.25?66.5 or off nn cy22800-078a /3 clock divider clkin: 0.5?133 xtal: 8?30 clka: 0.17?44.3 clkb = clkc: 0.17?44.3 or off nn cy22800-079a /4 clock divider clkin: 0.5?133 xtal: 8?30 clka: 0.125?33.25 clkb = clkc: 0.125?33.25 or off nn cy22800-080a /5 clock divider clkin: 0.5?133 xtal: 8?30 clka: 0.1?26.6 clkb = clkc: 0.1?26.6 or off nn cy22800-081a /6 clock divider clkin: 0.5?133 xtal: 8?30 clka: 0.083?22.2 clkb = clkc: 0.083?22.2 or off nn cy22800-082a /7 clock divider clkin: 0.5?133 xtal: 8?30 clka: 0.071?19 clkb = clkc: 0.071?19 or off nn cy22800-083a /8 clock divider clkin: 0.5?133 xtal: 8?30 clka: 0.063?16.6 clkb = clkc: 0.063?v16.6 or off nn cy22800-084a /9 clock divider clkin: 0.5?133 xtal: 8?30 clka: 0.056?14.8 clkb = clkc: 0.056?14.8 or off nn cy22800-085a /10 clock divider clkin: 0.5?133 xtal: 8?30 clka: 0.05?13.3 clkb = clkc: 0.05?13.3 or off nn industrial temperature range cy22800-115a spread spectrum for consumer and communication applications clkin: 25? 82.5 xtal: 25?30 clka: ref (spread 0.25% or off) clkb: ref or ref/2 (spread 0.25% or off) yn cy22800-116a spread spectrum for consumer and communication applications clkin: 25?82.5 xtal: 25?30 clka: ref (spread 0.5% or off) clkb: ref or ref/2 (spread 0.5% or off) yn cy22800-117a spread spectrum for consumer and communication applications clkin: 25?82.5 xtal: 25 - 30 clka: ref (spread 0.75% or off) clkb: ref or ref/2 (spread 0.75% or off) yn cy22800-118a spread spectrum for consumer and communication applications clkin: 25?82.5 xtal: 25?30 clka: ref (spread 1.0% or off) clkb: ref or ref/2 (spread 1.0% or off) yn cy22800-119a spread spectrum for consumer and communication applications clkin: 25?82.5 xtal: 25?30 clka: ref (spread 1.25% or off) clkb: ref or ref/2 (spread 1.25% or off) yn cy22800-120a spread spectrum for consumer and communication applications clkin: 25?82.5 xtal: 25?30 clka: ref (spread 1.5% or off) clkb: ref or ref/2 (spread 1.5% or off) yn cy22800-121a spread spectrum for consumer and communication applications clkin: 25?82.5 xtal: 25?30 clka: ref (spread 1.75% or off) clkb: ref or ref/2 (spread 1.75% or off) yn cy22800-145a spread spectrum clock generator with multiplier op tion clkin: 35?82.5 clka: 1x, 2x, 4x or /2 (spread ?0.5%) clkb: refout yn cy22800-146a spread spectrum clock generator with multiplier op tion clkin: 35?82.5 clka: 1x, 2x, 4x or /2 (spread ?1.0%) clkb: refout yn cy22800-147a spread spectrum clock generator with multiplier op tion clkin: 35?82.5 clka: 1x, 2x, 4x or /2 (spread ?1.5%) clkb: refout yn cy22800-148a spread spectrum clock generator with multiplier op tion clkin: 35?82.5 clka: 1x, 2x, 4x or /2 (spread ?2.0%) clkb: refout yn cy22800-151a x10 multiplier clkin: 0.5?16.5 xtal: 8?16.5 clka: 5?165 clkb: refout nn cy22800-152a x12 multiplier clkin: 0.5?13.75 xtal: 8?13.75 clka: 6?165 clkb: refout nn cy22800-153a x15 multiplier clkin: 0.5?11 xtal: 8?11 clka: 7.5?165 clkb: refout nn cy22800-154a x20 multiplier clkin: 0.5?8.25 xtal: 8?8.25 clka: 10?165 clkb: refout nn table 1. cy22800 configurations (continued) code # code name input freq. (mhz) output freq. (mhz) ss vcxo [+] feedback [+] feedback
cy22800 document #: 001-07704 rev. *a page 6 of 10 cypress offers a wide range of programmable clock synthesizers that can be used to generate any other frequencies not covered by the cy22800. table 2 summarizes all cypress programmable devices including cy22800. cy22800-155a x25 multiplier clkin: 0.5?6.6 xtal: 8?6.6 clka: 12.5?165 clkb: refout nn cy22800-156a 2/3 multiplier clkin: 2.5?82.5 xtal: 8?30 clka: 1.67?55 clkb: refout nn cy22800-157a 4/3 multiplier clkin: 1.5?82.5 xtal: 8?27.5 clka: 2?110 clkb: refout nn cy22800-158a 3/4 multiplier clkin: 3.5?110 xtal: 8?30 clka: 2.625?82.5 clkb: refout nn cy22800-159a 3/2 multiplier clkin: 1.5?110 xtal: 8?27.5 clka: 2.25?165 clkb: refout nn cy22800-160a 2/5 multiplier clkin: 5?133 xtal: 8 - 30 clka: 2?53.2 clkb: refout nn cy22800-161a 3/5 multiplier clkin: 3.5?110 xtal: 8?30 clka: 2.1?66 clkb: refout nn cy22800-162a 5/6 multiplier clkin: 3?66 xtal: 8?30 clka: 2.5?55 clkb: refout nn cy22800-163a 6/5 multiplier clkin: 2?55 xtal: 8?30 clka: 2.4?66 clkb: refout nn cy22800-164a 5/8 multiplier clkin: 2.5?80 xtal: 8?30 clka: 1.56?50 clkb: refout nn cy22800-165a 8/5 multiplier clkin: 2?41.25 xtal: 8?30 clka: 3.2?66 clkb: refout nn table 1. cy22800 configurations (continued) code # code name input freq. (mhz) output freq. (mhz) ss vcxo table 2. cypress programmable clocks [3] part # no. of pll input freq. output freq. package no. of outputs spread spectrum vcxo i 2 c cy22800 1 0.5?100 1?200 8-soic up to 3 yes yes no cy22801 1 0.5?133 1?200 8-soic up to 3 no no no cy22050 1 1?133 0.08?200 16-tssop up to 6 no no no cy22150 1 1?133 0.08?200 16-tssop up to 6 no no yes cy25100 1 8?166 3?200 8-soic/tssop up to 2 yes no no cy25200 1 3?166 3?200 16-tssop up to 6 yes no no cy241v08 1 27/13.5 27/13.5 8-soic up to 2 no yes no cy22392 3 1?166 1?200 16-tssop up to 6 no no no cy22381 3 1?166 1?200 8-soic up to 3 no no no cy22393 3 1?166 1?200 16-tssop up to 6 no no yes cy22394/5 3 1?166 1?200 16-tssop up to 5 no no no cy22388/89/91 4 1?100 4. 2?166 16/20-tssop, 32-qfn up to 8 no yes no note 3. the cy3672 programmer can be used to program all cypress chip s. refer to the cy3672 data sheet for programming procedures. [+] feedback [+] feedback
cy22800 document #: 001-07704 rev. *a page 7 of 10 absolute maximum conditions parameter description min max unit v dd supply voltage ?0.5 4.6 v t s storage temperature ?65 125 c t j junction temperature ? 125 c digital inputs v ss ? 0.3 v dd + 0.3 v digital outputs referred to v dd v ss ? 0.3 v dd + 0.3 v electro-static discharge 2 ? kv recommended operating conditions parameter description min typ max unit v dd operating voltage 3.14 3.3 3.47 v t a ambient temperature, commercial grade 0 ? 70 c ambient temperature, in dustrial grade ?40 ? 85 c c load max. load capacitance on the clk output ? ? 15 pf f ref [4] reference frequency 0.5 ? 100 mhz t pu power-up time for all vdds to reach minimum specified voltage (power ramps must be monotonic) 0.05 ? 500 ms pullable crystal specifications for vcxo application only parameter name min typ max unit c lnom crystal load capacitance ? 14 ? pf r 1 equivalent series resistance ? ? 25 ? r 3 /r 1 ratio of third overtone mode esr to fundamental mode esr. ratio used because typical r 1 values are much less than the maximum spec 3??? dl crystal drive level. no external series resistor assumed ? 0.5 2 mw f 3sephi third overtone separation from 3*f nom (high side) 300 ? ? ppm f 3seplo third overtone separation from 3*f nom (low side) ? ? ?150 ppm c0 crystal shunt capacitance 7pf c0/c1 ratio of shunt to motional capacitance 180 ? 250 c 1 crystal motional capacitance 14.4 18 21.6 ff recommended crystal specifications for all other applications parameter name description min typ max unit f nom nominal crystal frequency parallel resonance, fundamental mode, and at cut 8?30mhz c lnom nominal load capacitance ? 12 ? pf r 1 equivalent series resistance (esr) fundamental mode ? 35 50 ? dl crystal drive level no external series resistor assumed ? 0.5 2 mw note 4. configuration dependent, see the one-page documents. [+] feedback [+] feedback
cy22800 document #: 001-07704 rev. *a page 8 of 10 test circuit figure 2. test circuit diagram timing definitions figure 3. duty cycle definition; dc = t2/t1 figure 4. rise and fall time definitions dc electrical specifications parameter name description min. typ. max. unit i oh output high current v oh = v dd ? 0.5, v dd = 3.3v (source) 12 24 ? ma i ol output low current v ol = 0.5, v dd = 3.3v (sink) 12 24 ? ma c in1 input capacitance all input pins except xin and xout ? ? 7 pf c in2 input capacitance xin and xout pins for non-vcxo applica- tions ?24?pf i ih input high current v ih = v dd ?510 a i il input low current v il = 0v ? ? 50 a f ? xo vcxo pullability range 150 ? ppm v vcxo vcxo input range 0 ? v dd v v ih input high voltage cmos levels, 70% of v dd 0.7 ? ? v dd v il input low voltage cmos levels, 30% of v dd ??0.3v dd ac electrical characteristics (v dd = 3.3v ) parameter name description min. typ. max. unit dc output duty cycle dut y cycle is defined in figure 3 , 50% of v dd 45 50 55 % t 3 rising edge slew rate output clock rise time, 20% - 80% of v dd 0.8 1.4 ? v/ns t 4 falling edge slew rate output clock fall time, 80% - 20% of v dd 0.8 1.4 ? v/ns t 10 pll lock time ? ? 3 ms 0.1 f v dd clk out c load gnd outputs t1 t2 clk 50% 50% t3 clk 80% 20% t4 [+] feedback [+] feedback
cy22800 document #: 001-07704 rev. *a page 9 of 10 ? cypress semiconductor corporation, 2006-2007. the information contained herein is subject to change without notice. cypress semiconductor corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a cypress product. nor does it convey or imply any license under pate nt or other rights. cypress products are not warranted nor intended to be used for medical, life support, life saving, critical cont rol or safety applications, unless pursuant to an express writt en agreement with cypress. furthermore, cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected t o result in significant injury to the user. the inclusion of cypress products in life-support systems application implies that the manu facturer assumes all risk of such use and in doing so indemni fies cypress against all charges. package diagram figure 5. 8-lead (150-mil) soic s8 all products and company names mentioned in this docum ent may be the trademarks of their respective holders. ordering information ordering code package type operating range operating voltage cy22800fxc 8-pin soic commercial 3.3v cy22800fxi 8-pin soic industrial 3.3v seating plane pin1id 0.230[5.842] 0.244[6.197] 0.157[3.987] 0.150[3.810] 0.189[4.800] 0.196[4.978] 0.050[1.270] bsc 0.061[1.549] 0.068[1.727] 0.004[0.102] 0.0098[0.249] 0.0138[0.350] 0.0192[0.487] 0.016[0.406] 0.035[0.889] 0.0075[0.190] 0.0098[0.249] 1. dimensions in inches[mm] min. max. 0~8 0.016[0.406] 0.010[0.254] x 45 2. pin1idisoptional, round on single leadframe rectangular on matrix leadframe 0.004[0.102] 1 4 58 3. reference jedec ms-012 part # s08.15 standard pkg. sz08.15 lead free pkg. 4. package weight 0.07gms 51-85066-*c [+] feedback [+] feedback
cy22800 document #: 001-07704 rev. *a page 10 of 10 document history page document title: cy22800 universal pr ogrammable clock generator (upcg) document number: 001-07704 rev. ecn no. issue date orig. of change description of change ** 478688 see ecn kkvtmp new data sheet *a 1063800 see ecn kkvtmp add industrial temp option add cy22801 to table 2 correct reprogrammability statement update table 1 (cy22800 configurations) corrected units for vcxo crystal c1 [+] feedback [+] feedback


▲Up To Search▲   

 
Price & Availability of CY22800-039A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X